Part Number Hot Search : 
P34063 S1000 PT370L24 PIC18F25 A1141LLH 09081 TD100 S1000
Product Description
Full Text Search
 

To Download SR3150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SR3150 3 amp schottky barrier rectifier 150 volts features ? low switching noise ? low forward voltage drop ? high current capability ? high surge current capability ? operating temperature: -50  to +150 ? storage temperature: -50  to +150 mcc part number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage SR3150 150v 105v 150v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 3.0a t = 100  peak forward surge current i fsm a 8.3ms, half sine maximum instantaneous forward voltage v f .92v i fm = 3.0a; t a = 25  maximum dc reverse current at rated dc blocking voltage i r 1.5ma v r =150v t a = 25  *pulse test: pulse width 300 sec, duty cycle 1% do-201ad dimensions inches mm dim min max min max note c .048 .052 1.20 1.30 d 1.000 --- 25.40 --- a b c d d cathode mark  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011 /01/01 tm micro commercial components a .287 .374 7.30 9.50 b .189 .208 4.80 5.30 l www. mccsemi .com 1 of 2 maximum ratings * 80 epoxy meets ul 94 v-0 flammability rating ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) notes:1.high temperature solder exemption applied, see eu directive annex 7. moisture sensitivity level 1
mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 2 of 2 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 1 . 2 k p c s / r e e l p a r t n u m b e r- a p a m m o p a c k i n g : 1 .2 k p c s / a mm o b o x p a r t n u m b e r - bp b u l k: 12 k p c s / c a r t o n o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of SR3150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X